|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0872801100 Active 2.00mm (.079") Pitch Cable Holder, for Discrete Wire, Flat Cable and Ribbon Cable, 11 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-87130-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA LR19980 General Product Family Series Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 87280 One Piece No Board-In, Cable Holder Physical Circuits (Loaded) Circuits (maximum) Entry Angle Flammability Lock to Mating Part Number of Rows PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 11 11 Vertical 94V-0 None 1 Yes Yes 0.062 In 1.60 mm Bag 0.079 In 2.00 mm 0.079 In 2.00 mm Yes No Fully No No -40C to +105C 1.42mm (.056") max. 26, 28 Discrete Wire, Ribbon Cable Search Parts in this Series 87280Series Mates With N/A Use With Discrete Wire, Flat Cable, or Ribbon Cable Electrical Current - Maximum per Contact Voltage - Maximum 1A 125V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-87130-001 SD-87280-**00 This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0872801100 |